Part Number Hot Search : 
345EL BC337 SC1660 2SA103 HC02A CDB61880 R5F212C UFORCE
Product Description
Full Text Search
 

To Download 2SD1616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD1616 2SD1616A
NPN Transistors
TO-92
1. EMITTER 2. COLLECTOR 3. BASE
1
2
3
ABSOLUTE MAXIMUM RATINGS (Ta=25 C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Device Dissipation TA=25 C Junction Temperature Storage, Temperature Symbol VCEO VCBO VEBO IC PD Tj Tstg 2SD16116 50 60 6.0 1.0 0.75 150 -55 to +150 2SD1616A 60 120 Unit Vdc Vdc Vdc Adc W C C
ELECTRICAL CHARACTERISTICS
Characteristics Collector-Emitter Breakdown Voltage (IC= 2.0 mAdc, IB=0) Collector-Base Breakdown Voltage (IC= 10 uAdc, IE=0) Emitter-Base Breakdown Voltage (IE= 10 uAdc, IC=0) Collector Cutoff Current (VCB=60 Vdc, IE=0) Emitter Cutoff Current (VEB= 6.0 Vdc, I C=0) 2SD1616 2SD1616A 2SD1616 2SD1616A Symbol V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Min 50 60 60 120 6.0 Max 0.1 0.1 Unit Vdc Vdc Vdc uAdc uAdc
WEITRON
http://www.weitron.com.tw
2SD1616 2SD1616A
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min TYP Max Unit
ON CHARACTERISTICS
DC Current Gain (IC=100 mAdc, VCE=2.0 Vdc) DC Current Gain (IC=1.0 mAdc, VCE= 2.0 Vdc) Collector-Emitter Saturation Voltage (1) (IC= 1.0 mAdc, IB= 50 mAdc) Base-Emitter Saturation Voltage (1) (IC= 1.0 mAdc, IB= 50 mAdc) Base-Emitter on Voltage (1) (I C =50mA, VCE =2.0V) Current-Gain-Bandwidth Product (IC= 100 mAdc, VCE=2.0 Vdc, f=30MHz) Output Capacitance (VCB=10V, I E =0V, f= 1MHZ) Cob hFE (1) hFE (2) VCE(sat) VBE(sat) V BE(on)
fT
135
-
600 -
-
81 -
0.15 0.9
Vdc Vdc Vdc
0.3 1.2 0.7
0.64 160 -
100 -
-
MHz
25
PF
SWITCHING CHARACTERISTICS Turn-On Time Storage Time Fall Time Note: 1. Pulse Test: Pulse Width 350 us, Duty Cycle 2%. Classification of hFE(1) Rank Range L 135-270 K 200-400 U 300-600 Vcc =10V, Ic =100 mA I B1=-IB2=10 mA VBE(OFF) =2-3V tf
-
ton ts
-
0.07 0.95 0.07
-
us
WEITRON
http://www.weitron.com.tw
2SD1616 2SD1616A
Typcial Characteristics
WEITRON
http://www.weitron.com.tw
2SD1616 2SD1616A
Typcial Characteristics
WEITRON
http://www.weitron.com.tw
2SD1616 2SD1616A
TO-92 Outline Dimensions
E
unit:mm
TO-92
H
C
J K
G
Dim A B C D E G H J K L
Min Max 3.70 3.30 1.40 1.10 0.55 0.38 0.51 0.36 4.70 4.40 3.43 4.70 4.30 1.270TYP 2.44 2.64 14.10 14.50
B
L
WEITRON
http://www.weitron.com.tw
D
A


▲Up To Search▲   

 
Price & Availability of 2SD1616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X